PART |
Description |
Maker |
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BSS138PW |
60 V, 320 mA N-channel Trench MOSFET 60 V, 360 mA N-channel Trench MOSFET
|
NXP Semiconductors
|
FDMS5672 |
N-Channel UltraFET Trench MOSFET 60V, 22A, 11.5mohm 10.6 A, 60 V, 0.018 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
FMM300-0055P |
Trench Power MOSFET 300 A, 55 V, 0.0036 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET From old datasheet system MOSFET Modules
|
IXYS, Corp. IXYS Corporation
|
FDS3672 FDS3672NL |
N-Channel PowerTrench MOSFET 100V/ 7.5A/ 22m N-Channel PowerTrench MOSFET 100V, 7.5A, 22mз Discrete Commercial N-Channel UltraFET Trench MOSFET, 100V, 7.5A, 0.022 Ohm @ Vgs = 10V, SO-8 Package
|
FAIRCHILD[Fairchild Semiconductor]
|
FDMC2674_07 FDMC2674 FDMC267407 |
N-Channel UltraFET Trench MOSFET 220V, 7.0A, 366mΩ N-Channel UltraFET Trench MOSFET 220V, 7.0A, 366mヘ
|
FAIRCHILD[Fairchild Semiconductor]
|
FDM3622 |
100V N-Channel UltraFet Trench.MOSFET N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor
|
FDA2712 |
N-Channel UltraFET Trench MOSFET 250V, 64A, 34mOhms N-Channel UltraFET Trench MOSFET 250V, 64A, 34mΩ
|
Fairchild Semiconductor
|
FDS6680A FDS6680ANF073 FDS6680ANL |
30V Single N-Channel, Logic Level, Power Trench MOSFET Single N-Channel, Logic Level, PowerTrench MOSFET 12500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
BSS138PS |
60 V, 320 mA dual N-channel Trench MOSFET 320 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
NXP Semiconductors N.V.
|
PMV22EN |
30 V, 5.2 A N-channel Trench MOSFET
|
NXP Semiconductors N.V.
|
PMV75UP-15 |
20 V, P-channel Trench MOSFET
|
NXP Semiconductors
|
|